전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT2541CSC 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 74ABT2541CSC
상세설명  Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT2541CSC 데이터시트(HTML) 8 Page - Fairchild Semiconductor

  74ABT2541CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT2541CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT2541CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT2541CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT2541CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT2541CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT2541CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT2541CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT2541CSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
Package Number MSA20


유사한 부품 번호 - 74ABT2541CSC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT20 PHILIPS-74ABT20 Datasheet
46Kb / 3P
   Dual 4-input NAND gate
1995 Sep 22
logo
Nexperia B.V. All right...
74ABT20 NEXPERIA-74ABT20 Datasheet
754Kb / 13P
   Dual 4-input NAND gate
Rev. 3 - 12 August 2016
logo
NXP Semiconductors
74ABT20D PHILIPS-74ABT20D Datasheet
46Kb / 3P
   Dual 4-input NAND gate
1995 Sep 22
logo
Nexperia B.V. All right...
74ABT20D NEXPERIA-74ABT20D Datasheet
754Kb / 13P
   Dual 4-input NAND gate
Rev. 3 - 12 August 2016
logo
NXP Semiconductors
74ABT20DB PHILIPS-74ABT20DB Datasheet
46Kb / 3P
   Dual 4-input NAND gate
1995 Sep 22
More results

유사한 설명 - 74ABT2541CSC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
logo
National Semiconductor ...
54F2244DM NSC-54F2244DM Datasheet
147Kb / 8P
   Octal Buffer/Line Driver with 25X Series Resistors in Outputs
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com