전자부품 데이터시트 검색엔진 |
|
74ABT273CMTC 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
74ABT273CMTC 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 9 page www.fairchildsemi.com 2 Truth Table H HIGH Voltage Level steady state h HIGH Voltage Level one setup time prior to the LOW-to-HIGH clock transition L LOW Voltage Level steady state I LOW Voltage Level one setup time prior to the LOW-to-HIGH clock transition X Immaterial LOW-to-HIGH clock transition Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Operating Mode Inputs Output MR CP Dn Qn Reset (Clear) L X X L Load “1” H hH Load “0” H lL |
유사한 부품 번호 - 74ABT273CMTC |
|
유사한 설명 - 74ABT273CMTC |