전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT2952CMTC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74ABT2952CMTC
상세설명  Octal Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT2952CMTC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74ABT2952CMTC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT2952CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT2952CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT2952CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT2952CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT2952CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT2952CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT2952CMTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics
(SOIC Package)
Note 5: Max number of outputs defined as (n). n
− 1 data inputs are driven 0V to 3V. One output at Low. Guaranteed, but not tested.
Note 6: Max number of outputs defined as (n). n
− 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested.
Note 7: Max number of data inputs (n) switching. n
− 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (V
ILD), 0V to threshold (VIHD).
Guaranteed, but not tested.
AC Electrical Characteristics
(SOIC and SSOP Package)
AC Operating Requirements
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
CL = 50 pF,
RL = 500Ω
VOLP
Quiet Output Maximum Dynamic VOL
0.6
0.8
V
5.0
TA = 25°C (Note 5)
VOLV
Quiet Output Minimum Dynamic VOL
−1.2
−1.0
V
5.0
TA = 25°C (Note 5)
VOHV
Minimum HIGH Level Dynamic Output Voltage
2.5
3.0
V
5.0
TA = 25°C (Note 6)
VIHD
Minimum HIGH Level Dynamic Input Voltage
2.0
1.7
V
5.0
TA = 25°C (Note 7)
VILD
Maximum LOW Level Dynamic Input Voltage
1.2
0.8
V
5.0
TA = 25°C (Note 7)
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V to 5.5V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
200
200
MHz
tPLH
Propagation Delay
1.5
3.4
5.3
1.5
5.3
ns
tPHL
CPA or CPB to
1.5
3.6
5.3
1.5
5.3
An or Bn
tPZH
Output Enable Time
1.5
3.2
5.5
1.5
5.5
ns
tPZL
OEA or OEB to
1.5
3.5
5.5
1.5
5.5
An or Bn
tPHZ
Output Disable Time
1.5
3.6
6.0
1.5
6.0
ns
tPLZ
OEA or OEB to
1.5
3.2
6.0
1.5
6.0
An or Bn
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V to 5.5V
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
tS(H)
Setup Time, HIGH
2.5
2.5
ns
ts(L)
or LOW An or Bn
2.5
2.5
to CPA or CPB
tH(H)
Hold Time, HIGH
1.5
1.5
ns
tH(L)
or LOW An or Bn
1.5
1.5
to CPA or CPB
tS(H)
Setup Time, HIGH
2.5
2.5
ns
tS(L)
or LOW CEA or CEB
2.5
2.5
to CPA or CPB
tH(H)
Hold Time, HIGH
1.5
1.5
ns
tH(L)
or LOW CEA or CEB
1.5
1.5
to CPA or CPB
tW(H)
Pulse Width,
3.0
3.0
ns
tW(L)
HIGH or LOW
3.0
3.0
CPA or CPB


유사한 부품 번호 - 74ABT2952CMTC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
More results

유사한 설명 - 74ABT2952CMTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
NXP Semiconductors
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com