전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT377CSC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74ABT377CSC
상세설명  Octal D-Type Flip-Flop with Clock Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT377CSC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74ABT377CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
(SOIC Package)
AC Operating Requirements
Capacitance
(SOIC Package)
(Note 5)
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V to 5.5V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
150
200
150
MHz
tPLH
Propagation Delay
2.2
6.0
2.2
6.0
ns
tPHL
CP to On
2.8
6.8
2.8
6.8
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V to 5.5V
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
tS(H)
Setup Time, HIGH
2.0
2.0
ns
tS(L)
or LOW Dn to CP
2.0
2.0
tH(H)
Hold Time, HIGH
1.8
1.8
ns
tH(L)
or LOW Dn to CP
1.8
1.8
tS(H)
Setup Time, HIGH
3.0
3.0
ns
tS(L)
or LOW CE to CP
3.0
3.0
tH(H)
Hold Time, HIGH
1.0
1.0
ns
tH(L)
or LOW CE to CP
1.0
1.0
tW(H)
Pulse Width, CP,
3.3
3.3
ns
tW(L)
HIGH or LOW
3.3
3.3
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
5
pF
VCC = 0V, TA = 25°C
COUT (Note 5)
Output Capacitance
9
pF
VCC = 5.0V


유사한 부품 번호 - 74ABT377CSC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377AD PHILIPS-74ABT377AD Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377ADB PHILIPS-74ABT377ADB Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377AN PHILIPS-74ABT377AN Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377APW PHILIPS-74ABT377APW Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
More results

유사한 설명 - 74ABT377CSC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com