전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT377CSJ 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ABT377CSJ
상세설명  Octal D-Type Flip-Flop with Clock Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT377CSJ 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ABT377CSJ Datasheet HTML 1Page - Fairchild Semiconductor 74ABT377CSJ Datasheet HTML 2Page - Fairchild Semiconductor 74ABT377CSJ Datasheet HTML 3Page - Fairchild Semiconductor 74ABT377CSJ Datasheet HTML 4Page - Fairchild Semiconductor 74ABT377CSJ Datasheet HTML 5Page - Fairchild Semiconductor 74ABT377CSJ Datasheet HTML 6Page - Fairchild Semiconductor 74ABT377CSJ Datasheet HTML 7Page - Fairchild Semiconductor 74ABT377CSJ Datasheet HTML 8Page - Fairchild Semiconductor 74ABT377CSJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
DS011550
www.fairchildsemi.com
January 1993
Revised November 1999
74ABT377
Octal D-Type Flip-Flop with Clock Enable
General Description
The ABT377 has eight edge-triggered, D-type flip-flops
with individual D inputs and Q outputs. The common buff-
ered Clock (CP) input loads all flip-flops simultaneously
when the Clock Enable (CE) is LOW.
The register is fully edge-triggered. The state of each D
input, one setup time before the LOW-to-HIGH clock transi-
tion, is transferred to the corresponding flip-flop’s Q output.
The CE input must be stable only one setup time prior to
the LOW-to-HIGH clock transition for predictable operation.
Features
s Clock enable for address and data synchronization
applications
s Eight edge-triggered D-type flip-flops
s Buffered common clock
s See ABT273 for master reset version
s See ABT373 for transparent latch version
s See ABT374 for 3-STATE version
s Output sink capability of 64 mA, source capability
of 32 mA
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Non-destructive hot insertion capability
s Disable time less than enable time to avoid bus
contention
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW-to-HIGH Clock Transition
h
= HIGH Voltage Level one setup time prior to the
LOW-to-HIGH Clock Transition
I
= LOW Voltage Level one setup time prior to the
LOW-to-HIGH Clock Transition
Order Number
Package Number
Package Description
74ABT377CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ABT377CSJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT377CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
74ABT377CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Descriptions
D0–D7
Data Inputs
CE
Clock Enable (Active LOW)
CP
Clock Pulse Input
Q0–Q7
Data Outputs
Operating Mode
Inputs
Output
CP
CE
Dn
Qn
Load “1”

Ih
H
Load “0”

II
L
Hold

h
X
No Change
(Do Nothing)
X
H
X
No Change


유사한 부품 번호 - 74ABT377CSJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377AD PHILIPS-74ABT377AD Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377ADB PHILIPS-74ABT377ADB Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377AN PHILIPS-74ABT377AN Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377APW PHILIPS-74ABT377APW Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
More results

유사한 설명 - 74ABT377CSJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com