전자부품 데이터시트 검색엔진 |
|
74AC251MTC 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
74AC251MTC 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 9 page www.fairchildsemi.com 2 Functional Description This device is a logical implementation of a single-pole, 8- position switch with the switch position controlled by the state of three Select inputs, S0, S1, S2. Both true and com- plementary outputs are provided. The Output Enable input (OE) is active LOW. When it is activated, the logic function provided at the output is: Z = OE • (I0 • S0 • S1 • S2 + I1• S0 • S1 • S2 + I2 • S0 • S1 • S2 + I3 • S0 • S1 • S2 + I4 • S0 • S1 • S2 + I5 • S0 • S1 • S2 + I6 • S0 • S1 • S2 + I7 • S0 • S1 • S2) When the Output Enable is HIGH, both outputs are in the high impedance (High Z) state. This feature allows multi- plexer expansion by tying the outputs of up to 128 devices together. When the outputs of the 3-STATE devices are tied together, all but one device must be in the high imped- ance state to avoid high currents that would exceed the maximum ratings. The Output Enable signals should be designed to ensure there is no overlap in the active-LOW portion of the enable voltages. Truth Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Inputs Outputs OE S2 S1 S0 Z Z H X X X Z Z L L L L I0 I0 L L L H I1 I1 L L H L I2 I2 L L H H I3 I3 L H L L I4 I4 L H L H I5 I5 L H H L I6 I6 L H H H I7 I7 |
유사한 부품 번호 - 74AC251MTC |
|
유사한 설명 - 74AC251MTC |