전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC520PC 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74AC520PC
상세설명  8-Bit Identity Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC520PC 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74AC520PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC520PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC520PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC520PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC520PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC520PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC520PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC520PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for AC
Note 8: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
4.0
7.5
11.5
3.0
13.0
ns
An or Bn to O A = B
5.0
2.5
5.5
8.5
2.0
9.5
tPHL
Propagation Delay
3.3
4.5
8.0
12.0
3.5
13.5
ns
An or Bn to OA = B
5.0
3.0
5.5
9.0
2.5
10.0
tPLH
Propagation Delay
3.3
3.5
5.5
8.5
2.5
9.5
ns
IA = B to OA = B
5.0
2.5
4.5
6.5
2.0
7.0
tPHL
Propagation Delay
3.3
3.5
5.5
8.5
2.5
9.5
ns
IA = B to OA = B
5.0
2.5
4.5
6.5
2.0
7.0
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.0
5.5
8.5
2.5
9.5
ns
An or Bn to OA = B
tPHL
Propagation Delay
5.0
3.0
6.0
10.0
2.5
11.5
ns
An or Bn to OA = B
tPLH
Propagation Delay
5.0
2.0
4.0
6.0
2.0
6.5
ns
IA = B to OA = B
tPHL
Propagation Delay
5.0
2.5
5.0
7.5
2.0
8.5
ns
IA = B to OA = B
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0V


유사한 부품 번호 - 74AC520PC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
74AC520SC FAIRCHILD-74AC520SC Datasheet
282Kb / 11P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
More results

유사한 설명 - 74AC520PC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com