전자부품 데이터시트 검색엔진 |
|
74AC574 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
74AC574 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 9 page © 1999 Fairchild Semiconductor Corporation DS009910 www.fairchildsemi.com September 1988 Revised November 1999 74AC574 • 74ACT574 Octal D-Type Flip-Flop with 3-STATE Outputs General Description The AC/ACT574 is a high-speed, low power octal flip-flop with a buffered common Clock (CP) and a buffered com- mon Output Enable (OE). The information presented to the D-type inputs is stored in the flip-flops on the LOW-to-HIGH Clock (CP) transition. The AC/ACT574 is functionally identical to the AC/ACT374 except for the pinouts. Features s ICC and IOZ reduced by 50% s Inputs and outputs on opposite sides of package allowing easy interface with microprocessors s Useful as input or output port for microprocessors s Functionally identical to AC/ACT374 s 3-STATE outputs for bus-oriented applications s Outputs source/sink 24 mA s ACT574 has TTL-compatible inputs Ordering Code: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Logic Symbols IEEE/IEC Connection Diagram Pin Descriptions FACT is a trademark of Fairchild Semiconductor Corporation. Order Number Package Number Package Description 74AC574SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body 74AC574SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74AC574MTC MTC20 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74AC574PC N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide 74ACT574SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-01 74ACT574SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74ACT574MTC MTC20 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74ACT574PC N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide Pin Names Description D0–D7 Data Inputs CP Clock Pulse Input OE 3-STATE Output Enable Input O0–O7 3-STATE Outputs |
유사한 부품 번호 - 74AC574 |
|
유사한 설명 - 74AC574 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |