전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC74SJ 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74AC74SJ
상세설명  Dual D-Type Positive Edge-Triggered Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC74SJ 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74AC74SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC74SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC74SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC74SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC74SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC74SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC74SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC74SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC74SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Output Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
ICCT
Maximum
5.5
0.6
1.5
mA
VI = VCC − 2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
2.0
20.0
µA
VIN = VCC
Supply Current
or GND
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
100
125
95
MHz
Frequency
5.0
140
160
125
tPLH
Propagation Delay
3.3
3.5
8.0
12.0
2.5
13.0
ns
CDn or SDn to Qn or Qn
5.0
2.5
6.0
9.0
2.0
10.0
tPHL
Propagation Delay
3.3
4.0
10.5
12.0
3.5
13.5
ns
CDn or SDn to Qn or Qn
5.0
3.0
8.0
9.5
2.5
10.5
tPLH
Propagation Delay
3.3
4.5
8.0
13.5
4.0
16.0
ns
CPn to Qn or Qn
5.0
3.5
6.0
10.0
3.0
10.5
tPHL
Propagation Delay
3.3
3.5
8.0
14.0
3.5
14.5
ns
CPn to Qn or Qn
5.0
2.5
6.0
10.0
2.5
10.5


유사한 부품 번호 - 74AC74SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC74SJ FAIRCHILD-74AC74SJ Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

유사한 설명 - 74AC74SJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74LVC2G80 TI1-SN74LVC2G80_16 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com