전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACQ245SJ 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74ACQ245SJ
상세설명  Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ245SJ 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACQ245SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ245SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ245SJ Datasheet HTML 9Page - Fairchild Semiconductor 74ACQ245SJ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ245, 74ACTQ245 Rev. 1.4
6
AC Electrical Characteristics for ACQ
Notes:
11. Voltage range 5.0 is 5.0V ± 0.5V. Voltage range 3.3 is 3.3V ± 0.3V.
12. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Electrical Characteristics for ACTQ
Notes:
13. Voltage range 5.0 is 5.0V ± 0.5V
14. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
VCC (V)
(11)
TA = +25°C,
CL = 5 pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay,
Data to Output
3.3
2.0
7.5
10.0
2.0
10.5
ns
5.0
1.5
5.0
6.5
1.5
7.0
tPZL, tPZH
Output Enable Time
3.3
3.0
8.5
13.0
3.0
13.5
ns
5.0
2.0
6.0
8.5
2.0
9.0
tPHZ, tPLZ
Output Disable Time
3.3
1.0
8.5
14.5
1.0
15.0
ns
5.0
1.0
7.5
9.5
1.0
10.0
tOSHL, tOSLH Output to Output Skew,
Data to Output(12)
3.3
1.0
1.5
1.5
ns
5.0
0.5
1.0
1.0
Symbol
Parameter
VCC (V)
(13)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay,
Data to Output
5.0
1.5
5.5
7.0
1.5
7.5
ns
tPZL, tPZH
Output Enable Time
5.0
2.0
7.0
9.0
2.0
9.5
ns
tPHZ, tPLZ
Output Disable Time
5.0
1.0
8.0
10.0
1.0
10.5
ns
tOSHL, tOSLH Output to Output Skew,
Data to Output(14)
5.0
0.5
1.0
1.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CI/O
Input/Output Capacitance
VCC = 5.0V
15
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
80.0
pF


유사한 부품 번호 - 74ACQ245SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACQ245SJ FAIRCHILD-74ACQ245SJ Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results

유사한 설명 - 74ACQ245SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ245PC FAIRCHILD-74ACTQ245PC Datasheet
144Kb / 11P
   Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245 FAIRCHILD-74ACQ245_08 Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com