전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ574SJ 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74ACTQ574SJ
상세설명  Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ574SJ 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ574SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACQ (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Note 5: DIP package.
Note 6: Max number of outputs defined as (n). Data inputs are driven 0V to 5V. One output @ GND.
Note 7: Maximum number of data inputs (n) switching. (n
−1) inputs switching 0V to 5V (ACQ). Input-under-test switching:
5V to threshold (VILD), 0V to threshold (VIHD). f = 1 MHz.
DC Electrical Characteristics for ACTQ
Note 8: All outputs loaded; thresholds on input associated with output under test.
Note 9: Maximum test duration 2.0 ms, one output loaded at a time.
Note 10: DIP package.
Note 11: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VOLP
Quiet Output
5.0
1.1
1.5
V
Figure 1, Figure 2
Maximum Dynamic VOL
(Note 5)(Note 6)
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figure 1, Figure 2
Minimum Dynamic VOL
(Note 5)(Note 6)
VIHD
Minimum HIGH Level
5.0
3.1
3.5
V
(Note 5)(Note 7)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.9
1.5
V
(Note 5)(Note 7)
Dynamic Input Voltage
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.85
3.76
V
IOH= −24 mA
5.5
4.86
4.76
IOH= −24 mA (Note 8)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 8)
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
µAV
I = VCC, GND
IOZ
Maximum 3-STATE
5.5
±0.25
±2.5
µA
VI = VIL, VIH
Leakage Current
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 9)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
VOLP
Quiet Output
5.0
1.1
1.5
V
Figure 1, Figure 2
Maximum Dynamic VOL
(Note 10)(Note 11)
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figure 1, Figure 2
Minimum Dynamic VOL
(Note 10)(Note 11)
VIHD
Minimum HIGH Level
5.0
1.9
2.2
V
(Note 10)(Note 12)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.2
0.8
V
(Note 10)(Note 12)
Dynamic Input Voltage


유사한 부품 번호 - 74ACTQ574SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ574SJ FAIRCHILD-74ACTQ574SJ Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
More results

유사한 설명 - 74ACTQ574SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com