전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT16646 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74ACT16646
상세설명  16-Bit Transceiver/Register with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT16646 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74ACT16646 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT16646 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Function Table
H
= HIGH Voltage Level
X
= Immaterial
L
= LOW Voltage Level
 = LOW-to-HIGH Transition.
Note 1: The data output functions may be enabled or disabled by various signals at the G and DIR inputs. Data input functions are always enabled; i.e., data
at the bus pins will be stored on every LOW-to-HIGH transition of the appropriate clock inputs. Also applies to data I/O (A and B: 8-15) and #2 control pins.
Real Time Transfer
A-Bus to B-Bus
Real Time Transfer
B-Bus to A-Bus
Storage from
Bus to Register
Transfer from
Register to Bus
Logic Diagram
Inputs
Data I/O (Note 1)
Output Operation Mode
G1
DIR1
CPAB1 CPBA1 SAB1
SBA1
A0–7
B0–7
H
X
H or L
H or L
X
X
Isolation
HX

X
X
X
Input
Input
Clock An Data into A Register
HX
X

X
X
Clock Bn Data Into B Register
LH
X
X
L
X
An to Bn—Real Time (Transparent Mode)
LH

X
L
X
Input
Output
Clock An Data to A Register
L
H
H or L
X
H
X
A Register to Bn (Stored Mode)
LH

X
H
X
Clock An Data into A Register and Output to Bn
L
L
XXX
L
Bn to An—Real Time (Transparent Mode)
LL
X

X
L
Output
Input
Clock Bn Data into B Register
L
L
X
H or L
X
H
B Register to An (Stored Mode)
LL
X

X
H
Clock Bn into B Register and Output to An


유사한 부품 번호 - 74ACT16646

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT16646 TI-74ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646 TI1-74ACT16646 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DL TI-74ACT16646DL Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DL TI1-74ACT16646DL Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DLG4 TI-74ACT16646DLG4 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ACT16646

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16652 FAIRCHILD-74LVTH16652 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVT16646 FAIRCHILD-74LVT16646 Datasheet
91Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com