전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT2708PC 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74ACT2708PC
상세설명  64 x 9 First-In, First-Out Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT2708PC 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ACT2708PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT2708PC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.fairchildsemi.com
Mode 4: Shift-Out Sequence, FIFO Full to Empty
Sequence of Operation
1. FIFO is initially full and OR is HIGH, indicating valid
data is at the output. IR is LOW.
2. SO goes HIGH, resulting in OR going LOW one propa-
gation delay, tOR, after SO rises. OR LOW indicates
output stage is busy.
3. SO goes LOW, new data reaches output one propaga-
tion delay, tD, after SO falls; OR goes HIGH one propa-
gation delay, tOR, after SO falls and HF rises one
propagation delay, tOF, after SO falls. IR rises one fall-
through time, tFT, after SO falls.
4. Repeat process through the 64th SO pulse. FULL flag
goes LOW one propagation delay, tOHF, after the rising
edge of 33rd SO, indicating that the FIFO is less than
half full. On the falling edge of the 64th SO, HF goes
LOW one propagation delay, tOE, after SO, indicating
the FIFO is empty. The SO pulse may rise and fall
again with an attempt to unload an empty FIFO. This
results in no change in the data on the outputs as the
64th word stays latched.
Note: SI and OE are LOW; MR is HIGH; D0–D8 are immaterial.
FIGURE 4. Modes of Operation Mode 4


유사한 부품 번호 - 74ACT2708PC

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74ACT273 ONSEMI-74ACT273 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
74ACT273B STMICROELECTRONICS-74ACT273B Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

유사한 설명 - 74ACT2708PC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com