전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5262BRUZ20-RL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5262BRUZ20-RL7
상세설명  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5262BRUZ20-RL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5262BRUZ20-RL7 Datasheet HTML 6Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 7Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 8Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 9Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 10Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 11Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 12Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 13Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5260/AD5262
Rev. A | Page 10 of 24
–1.0
–0.5
0
0.5
1.0
0
5
10
15
20
|VDD – VSS| (V)
AVG – 3
σ
AVG
AVG + 3
σ
Figure 15. INL vs. Supply Voltages
–2.0
–1.0
–1.5
–0.5
0
0.5
2.0
1.0
1.5
05
10
15
20
|VDD – VSS| (V)
AVG – 3
σ
AVG
AVG + 3
σ
Figure 16. R-INL vs. Supply Voltages
4
24
44
64
84
104
124
–5
–1
3
7
11
15
VDD (V)
RON @ VDD/VSS = +5V/0V
RON @ VDD/VSS = +5V/–5V
RON @ VDD/VSS = +15V/0V
Figure 17. Wiper On Resistance vs. Bias Voltage
0
0.5
1.0
1.5
2.0
2.5
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD/VSS =+5V/0V
VDD/VSS =+15/0V
VDD/VSS =±5V
Figure 18. Full-Scale Error vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VDD/VSS =+15/0V
VDD/VSS =±5V
VDD/VSS =+5V/0V
Figure 19. Zero-Scale Error vs. Temperature
0.001
0.01
0.1
1
–40–7265992
12
TEMPERATURE (°C)
5
VLOGIC = 5V
VIH = 5V
VIL = 0V
VDD/VSS = ±5V
VDD/VSS = +15/0V
Figure 20. Supply Current vs. Temperature


유사한 부품 번호 - AD5262BRUZ20-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU50 AD-AD5262BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

유사한 설명 - AD5262BRUZ20-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com