전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ16374MTD 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ACTQ16374MTD
상세설명  16-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16374MTD 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ16374MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16374MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010935
www.fairchildsemi.com
June 1991
Revised November 1999
74ACTQ16374
16-Bit D-Type Flip-Flop with 3-STATE Outputs
General Description
The ACTQ16374 contains sixteen non-inverting D-type flip-
flops with 3-STATE outputs and is intended for bus oriented
applications. The device is byte controlled. A buffered clock
(CP) and Output Enable (OE) are common to each byte
and can be shorted together for full 16-bit operation.
The ACTQ16245 utilizes Fairchild Quiet Series
 technol-
ogy to guarantee quiet output switching and improved
dynamic threshold performance. FACT Quiet Series
 fea-
tures GTO
 output control for superior performance.
Features
s Utilizes Fairchild FACT Quiet Series technology
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin output skew
s Buffered Positive edge-triggered clock
s Separate control logic for each byte
s 16-bit version of the ACTQ374
s Outputs source/sink 24 mA
s Additional specs for Multiple Output Switching
s Output loadings specs for both 50 pF and 250 pF loads
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
FACT
, FACT Quiet Series and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ16374SSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74ACTQ16374MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin
Description
Names
OEn
Output Enable Input (Active LOW)
CPn
Clock Pulse Input
I0–I15
Inputs
O0–O15
Outputs


유사한 부품 번호 - 74ACTQ16374MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ16374MTD FAIRCHILD-74ACTQ16374MTD Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

유사한 설명 - 74ACTQ16374MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com