전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC16500MTD 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ALVC16500MTD
상세설명  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16500MTD 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ALVC16500MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500684
www.fairchildsemi.com
October 2001
Revised October 2001
74ALVC16500
Low Voltage 18-Bit Universal Bus Transceivers
with 3.6V Tolerant Inputs and Outputs
General Description
The ALVC16500 is an 18-bit universal bus transceiver
which combines D-type latches and D-type flip-flops to
allow data flow in transparent, latched, and clocked modes.
Data flow in each direction is controlled by output-enable
(OEAB and OEBA), latch-enable (LEAB and LEBA), and
clock (CLKAB and CLKBA) inputs. For A-to-B data flow, the
device operates in the transparent mode when LEAB is
HIGH. When LEAB is LOW, the A data is latched if CLKAB
is held at a HIGH or LOW logic level. If LEAB is LOW, the A
bus data is stored in the latch/flip-flop on the HIGH-to-LOW
transition of CLKAB. When OEAB is HIGH, the outputs are
active. When OEAB is LOW, the outputs are in a high-
impedance state.
Data flow for B to A is similar to that of A to B but uses
OEBA, LEBA, and CLKBA. The output enables are com-
plementary (OEAB is active HIGH and OEBA is active
LOW).
The ALVC16500 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O capability up to 3.6V.
The 74ALVC16500 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.65V–3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD (A to B, B to A)
3.4 ns max for 3.0V to 3.6V VCC
4.0 ns max for 2.3V to 2.7V VCC
7.0 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s Uses patented noise/EMI reduction circuitry
s Latchup conforms to JEDEC JED78
s ESD performance:
Human body model
> 2000V
Machine model
>200V
Note 1: To ensure the high-impedance state during power up or power
down, OEBA should be tied to VCC through a pull-up resistor and OEAB
should be tied to GND through a pull-down resistors; the minimum value of
the resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
74ALVC16500MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


유사한 부품 번호 - 74ALVC16500MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501MTD FAIRCHILD-74ALVC16501MTD Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results

유사한 설명 - 74ALVC16500MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com