전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC2245WM 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ALVC2245WM
상세설명  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC2245WM 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ALVC2245WM Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
ds500717
www.fairchildsemi.com
February 2002
Revised February 2002
74ALVC2245
Low Voltage Bidirectional Transceiver
with 3.6V Tolerant Inputs and Outputs
and 26
Ω Series Resistors in B Outputs
General Description
The ALVC2245 contains eight non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus ori-
ented applications. The T/R input determines the direction
of data flow. The OE input disables both the A and B ports
by placing them in a high impedance state.
The 74ALVC2245 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O compatibility up to 3.6V.
The ALVC2245 is also designed with 26
Ω series resistance
in the B Port outputs. This design reduces line noise in
applications such as memory address drivers, clock driv-
ers, and bus transceivers transmitters
The 74ALVC2245 is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
s 1.65V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s 26
Ω series resistors in B Port outputs
s Power-off high impedance inputs and outputs
s Supports Live Insertion and Withdrawal (Note 1)
s tPD (A to B)
4.9 ns max for 3.0V to 3.6V VCC
6.1 ns max for 2.3V to 2.7V VCC
9.8 ns max for 1.65V to 1.95V VCC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Latchup conforms to JEDEC JED78
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Note 1: To ensure the high impedance state during power up and power
down, OEn should be tied to VCC through a pull up resistor. The minimum
value of the resistor is determined by the current sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Quiet Series
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ALVC2245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ALVC2245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input (Active LOW)
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs


유사한 부품 번호 - 74ALVC2245WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVC2245WM FAIRCHILD-74ALVC2245WM Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results

유사한 설명 - 74ALVC2245WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com