전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMSF7P03HD 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MMSF7P03HD
상세설명  SINGLE TMOS POWER MOSFET 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7P03HD 데이터시트(HTML) 2 Page - Motorola, Inc

  MMSF7P03HD Datasheet HTML 1Page - Motorola, Inc MMSF7P03HD Datasheet HTML 2Page - Motorola, Inc MMSF7P03HD Datasheet HTML 3Page - Motorola, Inc MMSF7P03HD Datasheet HTML 4Page - Motorola, Inc MMSF7P03HD Datasheet HTML 5Page - Motorola, Inc MMSF7P03HD Datasheet HTML 6Page - Motorola, Inc MMSF7P03HD Datasheet HTML 7Page - Motorola, Inc MMSF7P03HD Datasheet HTML 8Page - Motorola, Inc MMSF7P03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMSF7P03HD
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (1)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
Vdc
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
25
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS(2)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
Vdc
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 5.3 Adc)
(VGS = 4.5 Vdc, ID = 2.0 Adc)
RDS(on)
26
42
35
50
m
W
Forward Transconductance (VDS = 15 Vdc, ID = 2.5 Adc)
gFS
12
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
24 Vdc V
0 V
Ciss
1200
1680
pF
Output Capacitance
(VDS = 24 Vdc, VGS = 0 V,
f = 1.0 MHz)
Coss
580
810
Transfer Capacitance
f = 1.0 MHz)
Crss
160
220
SWITCHING CHARACTERISTICS(3)
Turn–On Delay Time
(V
15 Vd
I
1 0 Ad
td(on)
23.5
47
ns
Rise Time
(VDD = 15 Vdc, ID = 1.0 Adc,
VGS =4 5Vdc
tr
42.7
85.4
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 10 Ω)
td(off)
57.4
114.8
Fall Time
G
)
tf
53.6
107.2
Turn–On Delay Time
(V
15 Vd
I
1 0 Ad
td(on)
16
32
Rise Time
(VDD = 15 Vdc, ID = 1.0 Adc,
VGS =10Vdc
tr
15.2
30.6
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 6.0 Ω)
td(off)
99.7
199.4
Fall Time
G
)
tf
55.2
110.4
Gate Charge
(See Figure 8)
(V
10 Vd
I
4 9 Ad
QT
37.9
75.8
nC
(See Figure 8)
(VDS = 10 Vdc, ID = 4.9 Adc,
Q1
4.2
( DS
, D
,
VGS = 6.0 Vdc)
Q2
11.5
Q3
7.6
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 2.3 Adc, VGS = 0 Vdc)
(IS = 2.3 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.76
0.61
1.2
Vdc
Reverse Recovery Time
(I
4 9 Ad
V
0 Vd
trr
47.9
ns
(IS = 4.9 Adc, VGS = 0 Vdc,
ta
27
( S
,
GS
,
dIS/dt = 100 A/µs)
tb
21
Reverse Recovery Stored Charge
QRR
0.052
µC
(1) Negative sign for P–Channel device omitted for clarity.
(2) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(3) Switching characteristics are independent of operating junction temperature.


유사한 부품 번호 - MMSF7P03HD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMSF7P03HD ONSEMI-MMSF7P03HD Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HDR2 ONSEMI-MMSF7P03HDR2 Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HDR2G ONSEMI-MMSF7P03HDR2G Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
logo
VBsemi Electronics Co.,...
MMSF7P03HDR2G VBSEMI-MMSF7P03HDR2G Datasheet
957Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - MMSF7P03HD

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
   SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com