전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH162244T 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74ALVCH162244T
상세설명  Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVCH162244T 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74ALVCH162244T Datasheet HTML 1Page - Fairchild Semiconductor 74ALVCH162244T Datasheet HTML 2Page - Fairchild Semiconductor 74ALVCH162244T Datasheet HTML 3Page - Fairchild Semiconductor 74ALVCH162244T Datasheet HTML 4Page - Fairchild Semiconductor 74ALVCH162244T Datasheet HTML 5Page - Fairchild Semiconductor 74ALVCH162244T Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
Functional Description
The 74ALVCH162244 contains sixteen non-inverting buffers with 3-STATE outputs. The device is nibble (4 bits) controlled
with each nibble functioning identically, but independent of each other. The control pins may be shorted together to obtain
full 16-bit operation.The 3-STATE outputs are controlled by an Output Enable (OEn) input. When OEn is LOW, the outputs
are in the 2-state mode. When OEn is HIGH, the standard outputs are in the high impedance mode but this does not inter-
fere with entering new data into the inputs.
Logic Diagram
Inputs
Outputs
OE1
I0–I3
O0–O3
LL
L
LH
H
HX
Z
Inputs
Outputs
OE2
I4–I7
O4–O7
LL
L
LH
H
HX
Z
Inputs
Outputs
OE3
I8–I11
O8–O11
LL
L
LH
H
HX
Z
Inputs
Outputs
OE4
I12–I15
O12–O15
LL
L
LH
H
HX
Z


유사한 부품 번호 - 74ALVCH162244T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74ALVCH162244DGG PHILIPS-74ALVCH162244DGG Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVCH162244DGG NEXPERIA-74ALVCH162244DGG Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74ALVCH162244DL PHILIPS-74ALVCH162244DL Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
More results

유사한 설명 - 74ALVCH162244T

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com