전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F14SC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74F14SC
상세설명  Hex Inverter Schmitt Trigger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F14SC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74F14SC Datasheet HTML 1Page - Fairchild Semiconductor 74F14SC Datasheet HTML 2Page - Fairchild Semiconductor 74F14SC Datasheet HTML 3Page - Fairchild Semiconductor 74F14SC Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009461
www.fairchildsemi.com
March 1988
Revised July 1999
74F14
Hex Inverter Schmitt Trigger
General Description
The 74F14 contains six logic inverters which accept stan-
dard TTL input signals and provide standard TTL output
levels. They are capable of transforming slowly changing
input signals into sharply defined, jitter-free output signals.
In addition, they have a greater noise margin than conven-
tional inverters.
Each circuit contains a Schmitt trigger followed by a Dar-
lington level shifter and a phase splitter driving a TTL
totem-pole output. The Schmitt trigger uses positive feed
back to effectively speed-up slow input transition, and pro-
vide different input threshold voltages for positive and neg-
ative-going
transitions.
This
hysteresis
between
the
positive-going and negative-going input thresholds (typi-
cally 800 mV) is determined internally by resistor ratios and
is essentially insensitive to temperature and supply voltage
variations.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Unit Loading/Fan Out
Connection Diagram
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Order Number
Package Number
Package Description
74F14SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74F14SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F14PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
In
Input
1.0/1.0
20
µA/−0.6 mA
On
Output
50/33.3
−1 mA/20 mA
Input
Output
AO
LH
HL


유사한 부품 번호 - 74F14SC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F14SC NSC-74F14SC Datasheet
152Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Fairchild Semiconductor
74F14SC FAIRCHILD-74F14SC Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
More results

유사한 설명 - 74F14SC

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com