전자부품 데이터시트 검색엔진 |
|
74F161APC 데이터시트(PDF) 5 Page - Fairchild Semiconductor |
|
74F161APC 데이터시트(HTML) 5 Page - Fairchild Semiconductor |
5 / 8 page 5 www.fairchildsemi.com AC Electrical Characteristics AC Operating Requirements Symbol Parameter TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V VCC = +5.0V CL = 50 pF CL = 50 pF CL = 50 pF Min Typ Max Min Max Min Max fMAX Maximum Count Frequency 100 120 75 90 MHz tPLH Propagation Delay 3.5 5.5 7.5 3.5 9.0 3.5 8.5 ns tPHL CP to Qn (PE Input HIGH) 3.5 7.5 10.0 3.5 11.5 3.5 11.0 tPLH Propagation Delay 4.0 6.0 8.5 4.0 10.0 4.0 9.5 tPHL CP to Qn (PE Input LOW) 4.0 6.0 8.5 4.0 10.0 4.0 9.5 tPLH Propagation Delay 5.0 10.0 14.0 5.0 16.5 5.0 15.0 ns tPHL CP to TC 5.0 10.0 14.0 5.0 15.5 5.0 15.0 tPLH Propagation Delay 2.5 4.5 7.5 2.5 9.0 2.5 8.5 ns tPHL CET to TC 2.5 4.5 7.5 2.5 9.0 2.5 8.5 tPHL Propagation Delay 5.5 9.0 12.0 5.5 14.0 5.5 13.0 ns MR to Qn (74F161A) tPHL Propagation Delay 4.5 8.0 10.5 4.5 12.5 4.5 11.5 ns MR to TC (74F161A) Symbol Parameter TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V VCC = +5.0V Min Max Min Max Min Max tS(H) Setup Time, HIGH or LOW 5.0 5.5 5.0 ns tS(L) Pn to CP 5.0 5.5 5.0 tH(H) Hold Time, HIGH or LOW 2.0 2.5 2.0 tH(L) Pn to CP 2.0 2.5 2.0 tS(H) Setup Time, HIGH or LOW 11.0 13.5 11.5 ns tS(L) PE or SR to CP 8.5 10.5 9.5 tH(H) Hold Time, HIGH or LOW 2.0 3.6 2.0 tH(L) PE or SR to CP 0 0 0 tS(H) Setup Time, HIGH or LOW 11.0 13.0 11.5 ns tS(L) CEP or CET to CP 5.0 6.0 5.0 tH(H) Hold Time, HIGH or LOW 0 0 0 tH(L) CEP or CET to CP 0 0 0 tW(H) Clock Pulse Width (Load) 5.0 5.0 5.0 ns tW(L) HIGH or LOW 5.0 5.0 5.0 tW(H) Clock Pulse Width (Count) 4.0 5.0 4.0 ns tW(L) HIGH or LOW 6.0 8.0 7.0 tW(L) MR Pulse Width, LOW 5.0 5.0 5.0 ns (74F161A) tREC Recovery Time 6.0 6.0 6.0 ns MR to CP (74F161A) |
유사한 부품 번호 - 74F161APC |
|
유사한 설명 - 74F161APC |