전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F191SJ 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74F191SJ
상세설명  Up/Down Binary Counter with Preset and Ripple Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F191SJ 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74F191SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Count Frequency
100
125
75
90
MHz
tPLH
Propagation Delay
3.0
5.5
7.5
3.0
9.5
3.0
8.5
ns
tPHL
CP to Qn
5.0
8.5
11.0
5.0
13.5
5.0
12.0
tPLH
Propagation Delay
6.0
10.0
13.0
6.0
16.5
6.0
14.0
tPHL
CP to TC
5.0
8.5
11.0
5.0
13.5
5.0
12.0
tPLH
Propagation Delay
3.0
5.5
7.5
3.0
9.5
3.0
8.5
ns
tPHL
CP to RC
3.0
5.0
7.0
3.0
9.0
3.0
8.0
tPLH
Propagation Delay
3.0
5.0
7.0
3.0
9.0
3.0
8.0
tPHL
CE to RC
3.0
5.5
7.0
3.0
9.0
3.0
8.0
tPLH
Propagation Delay
7.0
11.0
18.0
7.0
22.0
7.0
20.0
ns
tPHL
U/D to RC
5.5
9.0
12.0
5.5
14.0
5.5
13.0
tPLH
Propagation Delay
4.0
7.0
10.0
4.0
13.5
4.0
11.0
tPHL
U/D to TC
4.0
6.5
10.0
4.0
12.5
4.0
11.0
tPLH
Propagation Delay
3.0
4.5
7.0
3.0
9.0
3.0
8.0
ns
tPHL
Pn to Qn
6.0
10.0
13.0
6.0
16.0
6.0
14.0
tPLH
Propagation Delay
5.0
8.5
11.0
5.0
13.0
5.0
12.0
ns
tPHL
PL to Qn
5.5
9.0
12.0
5.5
14.5
5.5
13.0
tPLH
Propagation Delay
5.0
14.0
5.0
15.0
ns
tPHL
Pn to TC
6.5
13.0
6.0
14.0
tPLH
Propagation Delay
6.5
19.0
6.5
20.0
ns
tPHL
Pn to RC
6.0
14.0
6.0
15.0
tPLH
Propagation Delay
8.0
16.5
8.0
17.5
ns
tPHL
PL to TC
6.0
13.5
6.0
14.5
tPLH
Propagation Delay
10.0
20.0
10.0
21.0
ns
tPHL
PL to RC
9.0
15.5
9.0
16.0
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.5
6.0
5.0
ns
tS(L)
Pn to PL
4.5
6.0
5.0
tH(H)
Hold Time, HIGH or LOW
2.0
2.0
2.0
tH(L)
Pn to PL
2.0
2.0
2.0
tS(L)
Setup Time LOW
10.0
10.5
10.0
ns
CE to CP
tH(L)
Hold Time LOW
0
0
0
CE to CP
tS(H)
Setup Time, HIGH or LOW
12.0
12.0
12.0
ns
tS(L)
U/D to CP
12.0
12.0
12.0
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
U/D to CP
00
0
tW(L)
PL Pulse Width LOW
6.0
8.5
6.0
ns
tW(L)
CP Pulse Width LOW
5.0
7.0
5.0
ns
tREC
Recovery Time
6.0
7.5
6.0
ns
PL to CP


유사한 부품 번호 - 74F191SJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F191SJ NSC-74F191SJ Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191SJ FAIRCHILD-74F191SJ Datasheet
185Kb / 12P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
National Semiconductor ...
74F191SJCQB NSC-74F191SJCQB Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191SJCX NSC-74F191SJCX Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191SJMQB NSC-74F191SJMQB Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
More results

유사한 설명 - 74F191SJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191_07 Datasheet
185Kb / 12P
   Up/Down Binary Counter with Preset and Ripple Clock
74AC191 FAIRCHILD-74AC191 Datasheet
115Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54AC191 NSC-54AC191 Datasheet
208Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com