전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F163APCX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74F163APCX
상세설명  Synchronous Presettable Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F163APCX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74F163APCX Datasheet HTML 1Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 2Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 3Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 4Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 5Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 6Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 7Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Logic Symbols
74F161A
IEEE/IEC
74F161A
74F163A
IEEE/IEC
74F163A
Unit Loading/Fan Out
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
CEP
Count Enable Parallel Input
1.0/1.0
20
µA/−0.6 mA
CET
Count Enable Trickle Input
1.0/2.0
20
µA/−1.2 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
MR (74F161A)
Asynchronous Master Reset Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
SR (74F163A)
Synchronous Reset Input (Active LOW)
1.0/2.0
20
µA/−1.2 mA
P0–P3
Parallel Data Inputs
1.0/1.0
20
µA/−0.6 mA
PE
Parallel Enable Input (Active LOW)
1.0/2.0
20
µA/−1.2 mA
Q0–Q3
Flip-Flop Outputs
50/33.3
−1 mA/20 mA
TC
Terminal Count Output
50/33.3
−1 mA/20 mA


유사한 부품 번호 - 74F163APCX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F163APC NSC-74F163APC Datasheet
197Kb / 10P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F163APC FAIRCHILD-74F163APC Datasheet
179Kb / 11P
   Synchronous Presettable Binary Counter
More results

유사한 설명 - 74F163APCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com