전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F245PC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74F245PC
상세설명  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F245PC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74F245PC Datasheet HTML 1Page - Fairchild Semiconductor 74F245PC Datasheet HTML 2Page - Fairchild Semiconductor 74F245PC Datasheet HTML 3Page - Fairchild Semiconductor 74F245PC Datasheet HTML 4Page - Fairchild Semiconductor 74F245PC Datasheet HTML 5Page - Fairchild Semiconductor 74F245PC Datasheet HTML 6Page - Fairchild Semiconductor 74F245PC Datasheet HTML 7Page - Fairchild Semiconductor 74F245PC Datasheet HTML 8Page - Fairchild Semiconductor 74F245PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
TA 25qCTA  55qC to 125qCTA 0qC to 70qC
Units
VCC 5.0V
CL 50 pF
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
2.5
4.2
6.0
2.0
7.5
2.0
7.0
ns
tPHL
An to Bn or Bn to An
2.54.2
6.02.0
7.52.0
7.0
tPZH
Output Enable Time
3.0
5.3
7.0
2.5
9.0
2.5
8.0
ns
tPZL
3.5
6.0
8.0
3.0
10.0
3.0
9.0
tPHZ
Output Disable Time
2.0
5.0
6.5
2.0
9.0
2.0
7.5
tPLZ
2.0
5.0
6.5
2.0
10.0
2.0
7.5


유사한 부품 번호 - 74F245PC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F245PC NSC-74F245PC Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F245PC FAIRCHILD-74F245PC Datasheet
406Kb / 11P
   74F245 Octal Bidirectional Transceiver with 3-STATE Outputs
More results

유사한 설명 - 74F245PC

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com