전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F350PC 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74F350PC
상세설명  4-Bit Shifter with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F350PC 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  74F350PC Datasheet HTML 1Page - Fairchild Semiconductor 74F350PC Datasheet HTML 2Page - Fairchild Semiconductor 74F350PC Datasheet HTML 3Page - Fairchild Semiconductor 74F350PC Datasheet HTML 4Page - Fairchild Semiconductor 74F350PC Datasheet HTML 5Page - Fairchild Semiconductor 74F350PC Datasheet HTML 6Page - Fairchild Semiconductor 74F350PC Datasheet HTML 7Page - Fairchild Semiconductor 74F350PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.0
4.5
6.0
3.0
7.0
ns
tPHL
In to On
2.5
4.0
5.5
2.5
6.5
tPLH
Propagation Delay
4.0
7.8
10.0
4.0
13.5
ns
tPHL
Sn to On
3.0
6.5
8.5
3.0
9.5
tPZH
Output Enable Time
2.5
5.0
7.0
2.5
8.0
ns
tPZL
4.0
7.0
9.0
4.0
10.0
tPHZ
Output Disable Time
2.0
3.9
5.5
2.0
6.5
tPLZ
2.0
4.0
5.5
2.0
7.5


유사한 부품 번호 - 74F350PC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F350 PHILIPS-74F350 Datasheet
64Kb / 6P
   4-bit shifter
March 20, 1989
More results

유사한 설명 - 74F350PC

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC350 MOTOROLA-MC74AC350 Datasheet
232Kb / 9P
   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
HD151015 RENESAS-HD151015 Datasheet
203Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
SN74S350 AMD-SN74S350 Datasheet
116Kb / 2P
   Four-Bit Shifter With Three-State Outputs
logo
Motorola, Inc
MC5474F569 MOTOROLA-MC5474F569 Datasheet
187Kb / 6P
   4-BIT BIDIRECTIONAL COUNTERS (WITH 3-STATE OUTPUTS)
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS561A TI-SN54ALS561A Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com