전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F433 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74F433
상세설명  First-In First-Out (FIFO) Buffer Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F433 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74F433 Datasheet HTML 1Page - Fairchild Semiconductor 74F433 Datasheet HTML 2Page - Fairchild Semiconductor 74F433 Datasheet HTML 3Page - Fairchild Semiconductor 74F433 Datasheet HTML 4Page - Fairchild Semiconductor 74F433 Datasheet HTML 5Page - Fairchild Semiconductor 74F433 Datasheet HTML 6Page - Fairchild Semiconductor 74F433 Datasheet HTML 7Page - Fairchild Semiconductor 74F433 Datasheet HTML 8Page - Fairchild Semiconductor 74F433 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.fairchildsemi.com
Functional Description
As shown in the block diagram, the 74F433 consists of
three sections:
1. An Input Register with parallel and serial data inputs,
as well as control inputs and outputs for input hand-
shaking and expansion.
2. A 4-bit-wide, 62-word-deep fall-through stack with self-
contained control logic.
3. An Output Register with parallel and serial data out-
puts, as well as control inputs and outputs for output
handshaking and expansion.
These three sections operate asynchronously and are vir-
tually independent of one another.
Input Register (Data Entry)
The Input Register can receive data in either bit-serial or 4-
bit parallel form. It stores this data until it is sent to the fall-
through stack, and also generates the necessary status
and control signals.
This 5-bit register (see Figure 1) is initialized by setting flip-
flop F3 and resetting the other flip-flops. The Q-output of
the last flip-flop (FC) is brought out as the Input Register
Full (IRF) signal. After initialization, this output is HIGH.
Parallel Entry—A HIGH on the Parallel Load (PL) input
loads the D0–D3 inputs into the F0–F3 flip-flops and sets
the FC flip-flop. This forces the IRF output LOW, indicating
that the input register is full. During parallel entry, the Serial
Input Clock (CPSI) input must be LOW.
Serial Entry—Data on the Serial Data (DS) input is serially
entered into the shift register (F3, F2, F1, F0, FC) on each
HIGH-to-LOW transition of the CPSI input when the Serial
Input Enable (IES) signal is LOW. During serial entry, the
PL input should be LOW.
After the fourth clock transition, the four data bits are
located in flip-flops F0–F3. The FC flip-flop is set, forcing
the IRF output LOW and internally inhibiting CPSI pulses
from affecting the register. Figure 2 illustrates the final posi-
tions in an 74F433 resulting from a 256-bit serial bit train
(B0 is the first bit, B255 the last).
FIGURE 1. Conceptual Input Section


유사한 부품 번호 - 74F433

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F40 PHILIPS-74F40 Datasheet
34Kb / 3P
   Dual 4-input NAND buffer
April 11, 1989
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401PC FAIRCHILD-74F401PC Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401SC FAIRCHILD-74F401SC Datasheet
60Kb / 7P
   CRC Generator/Checker
logo
National Semiconductor ...
74F402 NSC-74F402 Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

유사한 설명 - 74F433

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com