전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F538SC 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74F538SC
상세설명  1-of-8 Decoder with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F538SC 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74F538SC Datasheet HTML 1Page - Fairchild Semiconductor 74F538SC Datasheet HTML 2Page - Fairchild Semiconductor 74F538SC Datasheet HTML 3Page - Fairchild Semiconductor 74F538SC Datasheet HTML 4Page - Fairchild Semiconductor 74F538SC Datasheet HTML 5Page - Fairchild Semiconductor 74F538SC Datasheet HTML 6Page - Fairchild Semiconductor 74F538SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A2
Address Inputs
1.0/1.0
20
µA/−0.6 mA
E1, E2
Enable Inputs (Active LOW)
1.0/1.0
20
µA/−0.6 mA
E3, E4
Enable Inputs (Active HIGH)
1.0/1.0
20
µA/−0.6 mA
P
Polarity Control Input
1.0/1.0
20
µA/−0.6 mA
OE1, OE2
Output Enable Inputs (Active LOW)
1.0/1.0
20
µA/−0.6 mA
O0–O7
3-STATE Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
Function
Inputs
Outputs
OE1
OE2
E1
E2
E3
E4
A2
A1
A0
O0
O1
O2
O3
O4
O5
O6
O7
High
H
X
X
XXX
XXX
Z
Z
Z
Z
Z
Z
Z
Z
Impedance
X
H
X
XXX
XXX
Z
Z
Z
Z
Z
Z
Z
Z
Disable
L
L
H
XXX
XXX
L
L
X
H
XX
XXX
Outputs Equal P Input
L
L
X
X
L
X
XXX
L
L
X
X
X
L
XXX
Active HIGH
L
L
LL
H
H
LL
L
H
L
LLL
LLL
Output
L
L
LL
H
H
LL
H
L
H
LLL
LLL
(P
= L)
L
L
LL
H
H
L
H
LLL
H
L
L
LLL
L
L
LL
H
H
L
H
H
L
L
L
H
L
LLL
L
L
LL
H
H
H
L
LLL
LL
H
LLL
L
L
L
L
H
H
HL
HL
L
L
L
L
HL
L
L
L
LL
H
H
H
H
LLL
LLL
L
H
L
L
L
LL
H
H
H
H
H
L
L
LLL
LL
H
Active LOW
L
L
L
L
H
H
L
L
L
L
H
HHH
HHH
Output
L
L
L
L
H
H
L
L
HH
L
HHH
HHH
(P
= H)
L
L
L
L
H
H
L
H
L
H
H
L
HH
HHH
L
L
L
L
H
H
L
H
HHH
H
L
H
HHH
L
L
L
L
HH
H
L
L
H
HH
H
L
H
H
H
L
L
L
L
H
H
H
L
HHH
HHH
L
H
H
L
L
L
L
H
HHH
L
H
H
HHH
H
L
H
L
L
L
L
H
HHH
HHH
HHH
HH
L


유사한 부품 번호 - 74F538SC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F538 PHILIPS-74F538 Datasheet
85Kb / 10P
   1-of -8 decoder 3-state
1989 Apr 06
More results

유사한 설명 - 74F538SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
logo
NXP Semiconductors
74F538 PHILIPS-74F538 Datasheet
85Kb / 10P
   1-of -8 decoder 3-state
1989 Apr 06
logo
Renesas Technology Corp
HD74AC538 RENESAS-HD74AC538 Datasheet
234Kb / 10P
   1-of-8 Decoder with 3-State Output
Jul.16.2004
logo
Hitachi Semiconductor
HD74AC538 HITACHI-HD74AC538 Datasheet
68Kb / 10P
   1-of-8 Decoder with 3-State Output
logo
Fairchild Semiconductor
74F539 FAIRCHILD-74F539 Datasheet
51Kb / 6P
   Dual 1-of-4 Decoder with 3-STATE Outputs
logo
Motorola, Inc
MC5474F539 MOTOROLA-MC5474F539 Datasheet
83Kb / 3P
   DUAL 1-OF-4 DECODER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALS251DR TI-SN74ALS251DR Datasheet
840Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC251 HITACHI-HD74HC251 Datasheet
54Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com