전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F544 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74F544
상세설명  Octal Registered Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F544 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74F544 Datasheet HTML 1Page - Fairchild Semiconductor 74F544 Datasheet HTML 2Page - Fairchild Semiconductor 74F544 Datasheet HTML 3Page - Fairchild Semiconductor 74F544 Datasheet HTML 4Page - Fairchild Semiconductor 74F544 Datasheet HTML 5Page - Fairchild Semiconductor 74F544 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.0
7.0
9.5
3.0
12.0
3.0
10.5
tPHL
Transparent Mode
3.0
5.0
6.5
2.5
8.5
3.0
7.5
ns
An to Bn or Bnto An
tPLH
Propagation Delay
6.0
10.0
13.0
6.0
18.0
6.0
14.5
ns
tPHL
LEBA to An
4.0
7.0
9.5
4.0
11.5
4.0
10.5
tPLH
Propagation Delay
6.0
10.0
13.0
6.0
18.0
6.0
14.5
ns
tPHL
LEAB to Bn
4.0
7.0
9.5
4.0
11.5
4.0
10.5
tPZH
Output Enable Time
3.0
7.0
9.0
3.0
11.0
3.0
10.0
ns
tPZL
OEBA or OEAB to An or Bn
4.0
7.5
10.5
4.0
13.0
4.0
12.0
CEBA or CEAB to An or Bn
tPHZ
Output Disable Time
1.0
6.0
8.0
2.0
10.0
1.0
9.0
tPLZ
OEBA or OEAB to An or Bn
2.5
5.5
10.5
2.0
9.5
2.5
11.5
CEBA or CEAB to An or Bn
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
3.0
3.0
3.0
ns
tS(L)
An or Bn to LEBA or LEAB
3.0
3.0
3.0
tH(H)
Hold Time, HIGH or LOW
3.0
3.0
3.0
tH(L)
An or Bn to LEBA or LEAB
3.0
3.0
3.0
tW(L)
Latch Enable, B to A
6.0
9.0
7.5
ns
Pulse Width, LOW


유사한 부품 번호 - 74F544

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F544 NSC-74F544 Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
NXP Semiconductors
74F544 PHILIPS-74F544 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
logo
National Semiconductor ...
74F544MSA NSC-74F544MSA Datasheet
186Kb / 10P
   Octal Registered Transceiver
74F544MSAQB NSC-74F544MSAQB Datasheet
186Kb / 10P
   Octal Registered Transceiver
74F544SC NSC-74F544SC Datasheet
186Kb / 10P
   Octal Registered Transceiver
More results

유사한 설명 - 74F544

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
   Octal Registered Transceiver
logo
National Semiconductor ...
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
NXP Semiconductors
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com