전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F623PC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74F623PC
상세설명  Inverting Octal Bus Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F623PC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74F623PC Datasheet HTML 1Page - Fairchild Semiconductor 74F623PC Datasheet HTML 2Page - Fairchild Semiconductor 74F623PC Datasheet HTML 3Page - Fairchild Semiconductor 74F623PC Datasheet HTML 4Page - Fairchild Semiconductor 74F623PC Datasheet HTML 5Page - Fairchild Semiconductor 74F623PC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009577
www.fairchildsemi.com
April 1988
Revised August 1999
74F620 • 74F623
Inverting Octal Bus Transceiver with 3-STATE Outputs
General Description
These devices are octal bus transceivers designed for
asynchronous two-way data flow between the A and B bus-
ses. Both busses are capable of sinking 64 mA and have 3-
STATE outputs. Dual enable pins (GAB, GBA) allow data
transmission from the A bus to the B bus or from the B bus
to the A bus. The 74F620 is an inverting option of the
74F623.
Features
s Designed for asynchronous two-way data flow between
busses
s Outputs sink 64 mA
s Dual enable inputs control direction of data flow
s Guaranteed 4000V minimum ESD protection
s 74F620 is an inverting option of the 74F623
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
FAST
® is a registered trademark of Fairchild Semiconductor Corporation
Order Number
Package Number
Package Description
74F620PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
74F623SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F623PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


유사한 부품 번호 - 74F623PC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F623 PHILIPS-74F623 Datasheet
96Kb / 12P
   Octal bus transceiver, inverting 3tate
1989 Apr 06
More results

유사한 설명 - 74F623PC

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
logo
Unisonic Technologies
U74LVC640 UTC-U74LVC640 Datasheet
208Kb / 5P
   OCTAL BUS TRANSCEIVER WITH 3-STATE INVERTING OUTPUTS
logo
Motorola, Inc
MC74F640 MOTOROLA-MC74F640 Datasheet
88Kb / 4P
   OCTAL BUS TRANSCEIVER, INVERTING WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74F620 MOTOROLA-MC74F620 Datasheet
108Kb / 5P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (INVERTING AND NONINVERTING)
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com