전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F657SPC 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74F657SPC
상세설명  Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F657SPC 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74F657SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F657SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F657SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F657SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F657SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F657SPC Datasheet HTML 6Page - Fairchild Semiconductor 74F657SPC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The Transmit/Receive (T/R) input determines the direction
of the data flow through the bidirectional transceivers.
Transmit (active HIGH) enables data from the A Port to the
B Port; Receive (active LOW) enables data from the B Port
to the A Port.
The Output Enable (OE) input disables the parity and
ERROR outputs and both the A and B Ports by placing
them in a HIGH-Z condition when the Output Enable input
is HIGH.
When transmitting (T/R HIGH), the parity generator detects
whether an even or odd number of bits on the A Port are
HIGH and compares these with the condition of the parity
select (ODD/EVEN). If the Parity Select is HIGH and an
even number of A inputs are HIGH, the Parity output is
HIGH.
In receiving mode (T/R LOW), the parity select and number
of HIGH inputs on port B are compared to the condition of
the Parity input. If an even number of bits on the B Port are
HIGH, the parity select is HIGH, and the PARITY input is
HIGH, then ERROR will be HIGH to indicate no error. If an
odd number of bits on the B Port are HIGH, the parity
select is HIGH, and the PARITY input is HIGH, the ERROR
will be LOW indicating an error.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A7
Data Inputs/
4.5/0.15
90
µA/− 90 µA
3-STATE Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
B0–B7
Data Inputs/
3.5/0.117
70
µA/−70 µA
3-STATE Outputs
600/106.6 (80)
−12 mA/64 mA (48 mA)
T/R
Transmit/Receive Input
2.0/0.067
40
µA/−40 µA
OE
Enable Input
2.0/0.067
40
µA/−40 µA
PARITY
Parity Input/
3.5/0.117
70
µA/−70µA
3-STATE Output
600/106.6 (80)
−12 mA/64 mA (48 mA)
ODD/EVEN
ODD/EVEN Parity Input
1.0/0.033
20
µA/−20 µA
ERROR
Error Output
600/106.6 (80)
−12 mA/64 mA (48 mA)
Number of
Inputs that
are HIGH
Inputs
Input/
Outputs
Output
OE T/R
ODD/
Parity ERROR
Outputs
EVEN
Mode
0, 2, 4, 6, 8
L
H
H
H
Z
Transmit
LH
L
L
Z
Transmit
LL
H
H
H
Receive
LL
H
L
L
Receive
LL
L
H
L
Receive
LL
L
L
H
Receive
1, 3, 5, 7
L
H
H
L
Z
Transmit
LH
L
H
Z
Transmit
LL
H
H
L
Receive
LL
H
L
H
Receive
LL
L
H
H
Receive
LL
L
L
L
Receive
Immaterial
H
X
X
Z
Z
Z
Inputs
Outputs
OE
T/R
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High-Z State


유사한 부품 번호 - 74F657SPC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F657 PHILIPS-74F657 Datasheet
109Kb / 12P
   Octal transceiver with 8-bit parit generator/checker
1990 Jul 30
logo
Texas Instruments
74F657 TI1-74F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
More results

유사한 설명 - 74F657SPC

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
National Semiconductor ...
54ACTQ657 NSC-54ACTQ657 Datasheet
229Kb / 10P
   Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
logo
Texas Instruments
54F657 TI1-54F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com