전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F676SPC 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74F676SPC
상세설명  16-Bit Serial/Parallel-In, Serial-Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F676SPC 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74F676SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F676SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F676SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F676SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F676SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F676SPC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 16-bit shift register operates in one of three modes, as
indicated in the Shift Register Operations Table.
HOLD— a HIGH signal on the Chip Select (CS) input pre-
vents clocking, and data is stored in the sixteen registers.
Shift/Serial Load— data present on the SI pin shifts into
the register on the falling edge of CP. Data enters the Q0
position and shifts toward Q15 on successive clocks, finally
appearing on the SO pin.
Parallel Load— data present on P0–P15 are entered into
the register on the falling edge of CP. The SO output repre-
sents the Q15 register output.
To prevent false clocking, CP must be LOW during a LOW-
to-HIGH transition of CS.
Shift Register Operations Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = HIGH-to-LOW Transition
Block Diagram
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
P0–P15
Parallel Data Inputs
1.0/1.0
20
µA/−0.6 mA
CS
Chip Select Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
M
Mode Select Input
1.0/1.0
20
µA/−0.6 mA
SI
Serial Data Input
1.0/1.0
20
µA/−0.6 mA
SO
Serial Output
50/33.3
−1 mA/20 mA
Control Input
Operating Mode
CS
MCP
HX
X
Hold
LL

Shift/Serial Load
LH

Parallel Load


유사한 부품 번호 - 74F676SPC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F676SPC NSC-74F676SPC Datasheet
181Kb / 10P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F676SPC FAIRCHILD-74F676SPC Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
More results

유사한 설명 - 74F676SPC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
National Semiconductor ...
54F676DM NSC-54F676DM Datasheet
181Kb / 10P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F675A FAIRCHILD-74F675A_00 Datasheet
76Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
logo
Texas Instruments
54F676 TI1-54F676 Datasheet
431Kb / 12P
[Old version datasheet]   54F676 74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com