전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F828SPC 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74F828SPC
상세설명  10-Bit Buffers/Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F828SPC 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74F828SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 6Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.0
3.0
5.5
1.0
7.5
1.0
6.5
ns
tPHL
Data to Output (74F827)
1.5
3.3
5.5
1.5
7.0
1.5
6.0
tPLH
Propagation Delay
1.0
3.0
5.0
1.0
5.5
ns
tPHL
Data to Output (74F828)
1.0
2.0
4.0
1.0
4.0
tPZH
Output Enable Time
3.0
5.7
9.0
2.5
10.0
2.5
9.5
ns
tPZL
OE to On
3.5
6.8
11.5
3.0
12.5
3.0
12.0
tPHZ
Output Disable Time
1.5
3.3
8.0
1.5
9.0
1.5
8.5
ns
tPLZ
OE to On
1.0
3.5
8.0
1.0
9.0
1.0
8.5


유사한 부품 번호 - 74F828SPC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F828SPC NSC-74F828SPC Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results

유사한 설명 - 74F828SPC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT163244 TI1-CY74FCT163244_05 Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com