전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX126 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LCX126
상세설명  Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX126 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LCX126 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX126 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Loading and Waveforms Generic for LCX Family
FIGURE 1. AC Test Circuit
(CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay, Pulse Width and trec Waveforms
3-STATE Output High Enable and
Disable TImes for Logic
3-STATE Output Low Enable and
Disable Times for Logic
Setup Time, Hold TIme and Recovery TIme for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Pulse Characteristics; f = 1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


유사한 부품 번호 - 74LCX126

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126 Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126 FAIRCHILD-74LCX126 Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX126 ONSEMI-74LCX126 Datasheet
665Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.5.1
logo
Fairchild Semiconductor
74LCX126BQX FAIRCHILD-74LCX126BQX Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126BQX FAIRCHILD-74LCX126BQX Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
More results

유사한 설명 - 74LCX126

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX126 ONSEMI-74LCX126 Datasheet
665Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.5.1
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126_08 Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX125 FAIRCHILD-74LCX125_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126 FAIRCHILD-74LCX126_05 Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX125 FAIRCHILD-74LCX125 Datasheet
523Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX125 ONSEMI-74LCX125 Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com