전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX125MX 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LCX125MX
상세설명  Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX125MX 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LCX125MX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
ICC
Quiescent Supply Current
VI VCC or GND
2.3
 3.6
10.0
PA
3.6V
d VI, VO d 5.5V (Note 7)
2.3
 3.6
r10.0
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.3
 3.6
500
PA
Symbol
Parameter
TA 40qC to 85qC, RL 500:
Units
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
CL 50 pF
CL 50 pF
CL 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
6.0
1.5
6.5
1.5
7.2
ns
tPLH
1.56.0
1.56.5
1.57.2
tPZL
Output Enable Time
1.5
7.0
1.5
8.0
1.5
9.1
ns
tPZH
1.57.0
1.58.0
1.59.1
tPLZ
Output Disable Time
1.5
6.0
1.5
7.0
1.5
7.2
ns
tPHZ
1.56.0
1.57.0
1.57.2
tOSHL
Output to Output Skew (Note 8)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
7.0
pF
COUT
Output Capacitance
VCC 3.3V, VI 0V or VCC
8.0
pF
CPD
Power Dissipation Capacitance
VCC 3.3V, VI 0V or VCC, f 10 MHz
25.0
pF


유사한 부품 번호 - 74LCX125MX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX125M ONSEMI-74LCX125M Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
74LCX125MTC ONSEMI-74LCX125MTC Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX125MTC FAIRCHILD-74LCX125MTC_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX125MTR STMICROELECTRONICS-74LCX125MTR Datasheet
216Kb / 12P
   LOW VOLTAGE CMOS QUAD BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX125MTR STMICROELECTRONICS-74LCX125MTR Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
More results

유사한 설명 - 74LCX125MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126 Datasheet
94Kb / 8P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX126 ONSEMI-74LCX126 Datasheet
665Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.5.1
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126_08 Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX125 FAIRCHILD-74LCX125_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126 FAIRCHILD-74LCX126_05 Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX125 ONSEMI-74LCX125 Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com