전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX14MX_NL 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 74LCX14MX_NL
상세설명  Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX14MX_NL 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCX14MX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74LCX14MX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74LCX14MX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74LCX14MX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74LCX14MX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74LCX14MX_NL Datasheet HTML 8Page - Fairchild Semiconductor 74LCX14MX_NL Datasheet HTML 9Page - Fairchild Semiconductor 74LCX14MX_NL Datasheet HTML 10Page - Fairchild Semiconductor 74LCX14MX_NL Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm
Package Number MLP014A


유사한 부품 번호 - 74LCX14MX_NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
More results

유사한 설명 - 74LCX14MX_NL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14MTCX FAIRCHILD-74LCX14MTCX Datasheet
777Kb / 13P
   74LCX14 Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com