전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX162244MEA 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74LCX162244MEA
상세설명  Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX162244MEA 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74LCX162244MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
IOFF
Power-Off Leakage Current
VIN or VO 5.5V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
2.3
 3.6
20
PA
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.3
 3.6
500
PA
Symbol
Parameter
TA 40qC to 85qC, RL 500 :
Units
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
CL 50 pF
CL 50 pF
CL 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.0
5.3
1.0
6.0
1.0
6.4
ns
tPLH
Data to Output
1.0
5.3
1.0
6.0
1.0
6.4
tPZL
Output Enable Time
1.0
6.3
1.0
7.1
1.0
8.2
ns
tPZH
1.0
6.3
1.0
7.1
1.0
8.2
tPLZ
Output Disable Time
1.0
5.4
1.0
5.7
1.0
6.5
ns
tPHZ
1.0
5.4
1.0
5.7
1.0
6.5
tOSHL
Output to Output Skew (Note 8)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.35
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.25
VOLV
Quiet Output Dynamic Valley VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.35
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.25
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
7pF
COUT
Output Capacitance
VCC 3.3V, VI 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC 3.3V, VI 0V or VCC, f 10 MHz
20
pF


유사한 부품 번호 - 74LCX162244MEA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX162244MEA ONSEMI-74LCX162244MEA Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results

유사한 설명 - 74LCX162244MEA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCX2244 FAIRCHILD-74LCX2244 Datasheet
156Kb / 11P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
logo
Motorola, Inc
MC74VCX162244 MOTOROLA-MC74VCX162244 Datasheet
135Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LVT162244 FAIRCHILD-74LVT162244 Datasheet
51Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com