전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX240MTCX_NL 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LCX240MTCX_NL
상세설명  Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX240MTCX_NL 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LCX240MTCX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 8Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 3)
Recommended Operating Conditions (Note 5)
Note 3: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 4: IO Absolute Maximum Rating must be observed.
Note 5: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 7.0
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
DC Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to VCC  0.5
Output in HIGH or LOW State (Note 4)
V
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
50
VO ! VCC
IO
DC Output Source/Sink Current
r50
mA
ICC
DC Supply Current per Supply Pin
r100
mA
IGND
DC Ground Current per Ground Pin
r100
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
05.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH/IOL
Output Current
VCC 3.0V  3.6V
r24
mA
VCC 2.7V  3.0V
r12
VCC 2.3V  2.7V
r8
TA
Free-Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
 2.7
1.7
V
2.7
 3.6
2.0
VIL
LOW Level Input Voltage
2.3
 2.7
0.7
V
2.7
 3.6
0.8
VOH
HIGH Level Output Voltage
IOH 100PA2.3  3.6
VCC - 0.2
V
IOH = -8 mA
2.3
1.8
IOH 12 mA
2.7
2.2
IOH 18 mA
3.0
2.4
IOH 24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL 100PA2.3  3.6
0.2
IOL = 8mA
2.3
0.6
IOL 12 mA
2.7
0.4
V
IOL 16 mA
3.0
0.4
IOL 24 mA
3.0
0.55
II
Input Leakage Current
0
d VI d 5.5V
2.3
 3.6
r5.0
PA
IOFF
Power-Off Leakage Current
VI or VO 5.5V
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
2.3
 3.6
10
PA
3.6V
d VI, VO d 5.5V (Note 6)
2.3
 3.6
r10
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.3
 3.6
500
PA


유사한 부품 번호 - 74LCX240MTCX_NL

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74LCX240MTCX NSC-74LCX240MTCX Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results

유사한 설명 - 74LCX240MTCX_NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_06 Datasheet
770Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com