전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX373MTCX-NL 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LCX373MTCX-NL
상세설명  Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX373MTCX-NL 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LCX373MTCX-NL Datasheet HTML 1Page - Fairchild Semiconductor 74LCX373MTCX-NL Datasheet HTML 2Page - Fairchild Semiconductor 74LCX373MTCX-NL Datasheet HTML 3Page - Fairchild Semiconductor 74LCX373MTCX-NL Datasheet HTML 4Page - Fairchild Semiconductor 74LCX373MTCX-NL Datasheet HTML 5Page - Fairchild Semiconductor 74LCX373MTCX-NL Datasheet HTML 6Page - Fairchild Semiconductor 74LCX373MTCX-NL Datasheet HTML 7Page - Fairchild Semiconductor 74LCX373MTCX-NL Datasheet HTML 8Page - Fairchild Semiconductor 74LCX373MTCX-NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
www.fairchildsemi.com
74LCX373 Rev. 2.0.0
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to
estimate propagation delays.
D0
O0
D
O
G
LE
OE
D1
O1
D
O
G
D2
O2
D
O
G
D3
O3
D
O
G
D4
O4
D
O
G
D5
O5
D
O
G
D6
O6
D
O
G
D7
O7
D
O
G


유사한 부품 번호 - 74LCX373MTCX-NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX373MTC FAIRCHILD-74LCX373MTC Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373MTC ONSEMI-74LCX373MTC Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
More results

유사한 설명 - 74LCX373MTCX-NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573 Datasheet
753Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com