전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28022FUZR5453 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL28022FUZR5453
상세설명  Precision Digital Power Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022FUZR5453 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL28022FUZR5453 Datasheet HTML 1Page - Intersil Corporation ISL28022FUZR5453 Datasheet HTML 2Page - Intersil Corporation ISL28022FUZR5453 Datasheet HTML 3Page - Intersil Corporation ISL28022FUZR5453 Datasheet HTML 4Page - Intersil Corporation ISL28022FUZR5453 Datasheet HTML 5Page - Intersil Corporation ISL28022FUZR5453 Datasheet HTML 6Page - Intersil Corporation ISL28022FUZR5453 Datasheet HTML 7Page - Intersil Corporation ISL28022FUZR5453 Datasheet HTML 8Page - Intersil Corporation ISL28022FUZR5453 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL28022
3
FN8386.1
April 26, 2013
Block Diagram
Digital
Control
Logic
I
2C
SM BUS
A0
16
A1
SMBCLK
SMBDAT
OSC
VINM
VINP
VCC
GND
ADC 16-
Bit
REG
MAP
REF
CLOCK
DIV
CM = 0 TO 60V
ECLK/INT
VBUS
Pin Configurations
ISL28022
(10 LD MSOP)
TOP VIEW
ISL28022
(16 LD QFN)
TOP VIEW
A1
A0
EXT_CLK/INT
SDA/SMBDAT
SCL/SMBCLK
1
2
3
4
5
10
9
8
7
6
VCC
GND
VBUS
VINM
VINP
1
3
4
15
A1
A0
EXT_CLK/INT
SDA/SMBDAT
16
14
13
2
12
10
9
11
6
57
8
VINM
VBUS
GND
VCC
GND


유사한 부품 번호 - ISL28022FUZR5453

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022FUZ RENESAS-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

유사한 설명 - ISL28022FUZR5453

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com