전자부품 데이터시트 검색엔진 |
|
74LVQ138SC 데이터시트(PDF) 5 Page - Fairchild Semiconductor |
|
74LVQ138SC 데이터시트(HTML) 5 Page - Fairchild Semiconductor |
5 / 8 page AC Electrical Characteristics Symbol Parameter VCC (V) TA = +25˚C CL = 50 pF TA = −40˚C to +85˚C CL = 50 pF Units Min Typ Max Min Max tPLH Propagation Delay 2.7 1.5 10.2 18.3 1.5 21.0 ns An to On 3.3 ±0.3 1.5 8.5 13.0 1.5 15.0 tPHL Propagation Delay 2.7 1.5 9.6 17.6 1.5 20.0 ns An to On 3.3 ±0.3 1.5 8.0 12.5 1.5 14.0 tPLH Propagation Delay 2.7 1.5 13.2 21.0 1.5 23.0 ns E1 or E2 to On 3.3 ±0.3 1.5 11.0 15.0 1.5 16.0 tPHL Propagation Delay 2.7 1.5 11.4 19.0 1.5 21.0 ns E1 or E2 to On 3.3 ±0.3 1.5 9.5 13.5 1.5 15.0 tPLH Propagation Delay 2.7 1.5 13.2 21.8 1.5 23.5 ns E3 to On 3.3 ±0.3 1.5 11.0 15.5 1.5 16.5 tPHL Propagation Delay 2.7 1.5 10.2 18.3 1.5 20.0 ns E3 to On 3.3 ±0.3 1.5 8.5 13.0 1.5 14.0 tOSHL, Output to Output Skew (Note 9) 2.7 1.0 1.5 1.5 ns tOSLH Data to Output 3.3 ±0.3 1.0 1.5 1.5 Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci- fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design. Capacitance Symbol Parameter Typ Units Conditions CIN Input Capacitance 4.5 pF VCC = Open CPD (Note 10) Power Dissipation 45 pF VCC = 3.3V Capacitance Note 10: CPD is measured at 10 MHz. 5 www.fairchildsemi.com |
유사한 부품 번호 - 74LVQ138SC |
|
유사한 설명 - 74LVQ138SC |