전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT373WM 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVT373WM
상세설명  Low Voltage Octal Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT373WM 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVT373WM Datasheet HTML 1Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 2Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 3Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 4Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 5Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 6Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 7Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics
Note 4: All typical values are at VCC
3.3V, TA
25
qC.
Note 5: Applies to Bushold versions only (74LVTH373).
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 8: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 9)
Note 9: Characterized in SOIC package. Guaranteed parameter, but not tested.
Note 10: Max number of outputs defined as (n). n
1 data inputs are driven 0V to 3V. Output under test held LOW.
Symbol
Parameter
VCC
(V)
T A 40qC to 85qC
Units
Conditions
Min
Typ
Max
(Note 4)
VIK
Input Clamp Diode Voltage
2.7
1.2
V
II 18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO d 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
VO t VCC  0.1V
VOH
Output HIGH Voltage
2.7–3.6
VCC  0.2
V
IOH 100 PA
2.7
2.4
V
IOH 8 mA
3.0
2.0
V
IOH 32 mA
VOL
Output LOW Voltage
2.7
0.2
V
IOL 100 PA
2.7
0.5
V
IOL 24 mA
3.0
0.4
V
IOL 16 mA
3.0
0.5
V
IOL 32 mA
3.0
0.55
V
IOL 64 mA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
PAVI 0.8V
(Note 5)
75
PAVI 2.0V
II(OD)
Bushold Input Over-Drive
Current to Change State
3.0
500
PA
(Note 6)
(Note 5)
500
PA
(Note 7)
II
Input Current
3.6
10
PAVI 5.5V
Control Pins
3.6
r1
PAVI 0V or VCC
Data Pins
3.6
5
PAVI 0V
1
PAVI VCC
IOFF
Power Off Leakage Current
0
r100
PA0V d VI or VO d 5.5V
IPU/PD
Power up/down 3-STATE
0–1.5V
r100
PA
VO 0.5V to 3.0V
Output Current
VI GND or VCC
IOZL
3-STATE Output Leakage Current
3.6
5
PAVO 0.5V
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.0V
IOZH
3-STATE Output Leakage Current
3.6
10
PAVCC  VO d 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs HIGH
ICCL
Power Supply Current
3.6
5
mA
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled
ICCZ
Power Supply Current
3.6
0.19
mA
VCC d VO d 5.5V,
Outputs Disabled
'ICC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC  0.6V
(Note 8)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Min
Typ
Max
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 10)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.8
V
(Note 10)


유사한 부품 번호 - 74LVT373WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVT373WM FAIRCHILD-74LVT373WM Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373WM ONSEMI-74LVT373WM Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVT373WM ONSEMI-74LVT373WM Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results

유사한 설명 - 74LVT373WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVTH373 FAIRCHILD-74LVTH373_08 Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com