전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ24A 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 SMAJ24A
상세설명  400 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ24A 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMAJ24A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ24A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ24A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ24A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ24A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ24A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ24A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Test
Maximum
Current
Reverse Leakage
IT
@ VWM
Min
Max
(mA)
ID (uA)
SMAJ5.0
AD
5
6.4
7.3
10
9.6
41.7
800
SMAJ5.0A
AE
5
6.4
7
10
9.2
43.5
800
SMAJ6.0
AF
6
6.67
8.15
10
11.4
35.1
800
SMAJ6.0A
AG
6
6.67
7.37
10
10.3
38.8
800
SMAJ6.5
AH
6.5
7.22
8.82
10
12.3
32.5
500
SMAJ6.5A
AK
6.5
7.22
7.98
10
11.2
35.7
500
SMAJ7.0
AL
7
7.78
9.51
10
13.3
30.1
200
SMAJ7.0A
AM
7
7.78
8.6
10
12.0
33.3
200
SMAJ7.5
AN
7.5
8.33
10.30
1
14.3
28.0
100
SMAJ7.5A
AP
7.5
8.33
9.21
1
12.9
31.0
100
SMAJ8.0
AQ
8
8.89
10.9
1
15.0
26.7
50
SMAJ8.0A
AR
8
8.89
9.83
1
13.6
29.4
50
SMAJ8.5
AS
8.5
9.44
11.5
1
15.9
25.2
10
SMAJ8.5A
AT
8.5
9.44
10.4
1
14.4
27.8
10
SMAJ9.0
AU
9
10
12.2
1
16.9
23.7
5
SMAJ9.0A
AV
9
10
11.1
1
15.4
26.0
5
SMAJ10
AW
10
11.1
13.6
1
18.8
21.3
5
SMAJ10A
AX
10
11.1
12.3
1
17.0
23.5
5
SMAJ11
AY
11
12.2
14.9
1
20.1
19.9
1
SMAJ11A
AZ
11
12.2
13.5
1
18.2
22.0
1
SMAJ12
BD
12
13.3
16.3
1
22.0
18.2
1
SMAJ12A
BE
12
13.3
14.7
1
19.9
20.1
1
SMAJ13
BF
13
14.4
17.6
1
23.8
16.8
1
SMAJ13A
BG
13
14.4
15.9
1
21.5
18.6
1
SMAJ14
BH
14
15.6
19.1
1
25.8
15.5
1
SMAJ14A
BK
14
15.6
17.2
1
23.2
17.2
1
SMAJ15
BL
15
16.7
20.4
1
26.9
14.9
1
SMAJ15A
BM
15
16.7
18.5
1
24.4
16.4
1
SMAJ16
BN
16
17.8
21.8
1
28.8
13.9
1
SMAJ16A
BP
16
17.8
19.7
1
26.0
15.4
1
SMAJ17
BQ
17
18.9
23.1
1
30.5
13.1
1
SMAJ17A
BR
17
18.9
20.9
1
27.6
14.5
1
SMAJ18
BS
18
20
24.4
1
32.2
12.4
1
SMAJ18A
BT
18
20
22.1
1
29.2
13.7
1
SMAJ20
BU
20
22.2
27.1
1
35.8
11.2
1
SMAJ20A
BV
20
22.2
24.5
1
32.4
12.3
1
SMAJ22
BW
22
24.4
29.8
1
39.4
10.2
1
SMAJ22A
BX
22
24.4
26.9
1
35.5
11.3
1
SMAJ24
BY
24
26.7
32.6
1
43.0
9.3
1
SMAJ24A
BZ
24
26.7
29.5
1
38.9
10.3
1
SMAJ26
CD
26
28.9
35.3
1
46.6
8.6
1
SMAJ26A
CE
26
28.9
31.9
1
42.1
9.5
1
SMAJ28
CF
28
31.1
38
1
50.0
8.0
1
SMAJ28A
CG
28
31.1
34.4
1
45.4
8.8
1
SMAJ30
CH
30
33.3
40.7
1
53.5
7.5
1
SMAJ30A
CK
30
33.3
36.8
1
48.4
8.3
1
SMAJ33
CL
33
36.7
44.9
1
59.0
6.8
1
SMAJ33A
CM
33
36.7
40.6
1
53.3
7.5
1
SMAJ36
CN
36
40
48.9
1
64.3
6.2
1
SMAJ36A
CP
36
40
44.2
1
58.1
6.9
1
Version:I13
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Working
Peak
Reverse
Voltage
VWM
Breakdown Voltage
Maximum
Clamping
Voltage at IPPM
Vc(V)
(Note5)
Maximum
Peak Pulse
Surge Current
IPPM
(A)(Note5)
VBR (V)
at IT


유사한 부품 번호 - SMAJ24A

제조업체부품명데이터시트상세설명
logo
Littelfuse
SMAJ24A LITTELFUSE-SMAJ24A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ24A HDSEMI-SMAJ24A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
Jinan Gude Electronic D...
SMAJ24A JGD-SMAJ24A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMAJ24A SAMYANG-SMAJ24A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ24A CYSTEKEC-SMAJ24A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

유사한 설명 - SMAJ24A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com