전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVTH646MTC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74LVTH646MTC
상세설명  Low Voltage Octal Transceiver/Register with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH646MTC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74LVTH646MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH646MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH646MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH646MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH646MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH646MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH646MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH646MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS012017
www.fairchildsemi.com
November 1999
Revised May 2000
74LVTH646
Low Voltage Octal Transceiver/Register
with 3-STATE Outputs
General Description
The LVTH646 consists of registered bus transceiver cir-
cuits, D-type flip-flops, and control circuitry providing multi-
plexed transmission of data directly from the input bus or
from the internal storage registers. Data on the A or B bus
will be loaded into the respective registers on the LOW-to-
HIGH transition of the appropriate clock pin (CPAB or
CPBA). (See Functional Description)
The LVTH646 data inputs include bushold, eliminating the
need for external pull-up resistors to hold unused inputs.
The bus transceivers are designed for low-voltage (3.3V)
VCC applications, but with the capability to provide a TTL
interface to a 5V environment. The LVTH646 is fabricated
with an advanced BiCMOS technology to achieve high
speed operation similar to 5V ABT while maintaining low
power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs source/sink
−32 mA/+64 mA
s Functionally compatible with the 74 series 646
s Latch-up performance exceeds 500 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending letter suffix “X” to the ordering code.
Logic Symbols
IEEE/IEC
Order Number
Package Number
Package Description
74LVTH646WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
74LVTH646MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


유사한 부품 번호 - 74LVTH646MTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH652 FAIRCHILD-74LVTH652 Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74LVTH652MTC FAIRCHILD-74LVTH652MTC Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74LVTH652WM FAIRCHILD-74LVTH652WM Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
More results

유사한 설명 - 74LVTH646MTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH652 FAIRCHILD-74LVTH652 Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com