전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX02 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LVX02
상세설명  Low Voltage Quad 2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX02 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LVX02 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: Parameter guaranteed by design. tOSLH
|tPLHmtPLHm|, tOSHL
|tPHLm–tPHLm|
Capacitance
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation:
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
CL
(V)
Min
TypMax
MinMax
(pF)
tPLH
Propagation Delay Time
2.7
5.9
10.7
1.0
13.5
ns
15
tPHL
8.4
14.2
1.0
17.0
50
3.3
r 0.3
4.5
6.6
1.0
8.0
15
7.0
10.1
1.0
11.5
50
tOSLH
Output to Output Skew
2.7
1.5
1.5
ns
50
tOSHL
(Note 5)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
15
pF
Capacitance (Note 6)


유사한 부품 번호 - 74LVX02

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX02 ONSEMI-74LVX02 Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
logo
STMicroelectronics
74LVX02M STMICROELECTRONICS-74LVX02M Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX02M ONSEMI-74LVX02M Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
74LVX02MTC ONSEMI-74LVX02MTC Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
More results

유사한 설명 - 74LVX02

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
logo
ON Semiconductor
74LVX02 ONSEMI-74LVX02 Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
logo
Motorola, Inc
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
   Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com