전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3300 데이터시트(PDF) 7 Page - Touchstone Semiconductor Inc

부품명 TS3300
상세설명  0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3300 데이터시트(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS3300 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TS3300
TS3300DS r1p0
Page 7
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
VBI = 1.2V, VBO = 3V, VBEN = LOW, IBO = 0A, L = 10µH (LPS4018-103ML), CBO = 22µF, CBI = 22µF, VREGIN = VBO = 3V, VREGOUT = 1.8V,
IREGOUT = 0A, CREGOUT = 10µF unless otherwise noted. Values are at TA = 25°C unless otherwise noted.
200µs/DIV
Boost Regulator Load Step Response
VBI = 1.2V, VBO = 3V, CBO= 10µF, IBO = 5mA
Boost Regulator Load Step Response
VBI = 1.2V, VBO = 3V, CBO= 10µF, IBO = 40mA
200µs/DIV
LDO Load Step Response
VBI = 1.2V, VBO = 3V, CREGOUT= 10µF, IBO = 5mA
200µs/DIV
Boost Regulator Output Voltage Ripple
VBI = 1.2V, VBO = 3V, CBO= 22µF, IBO = 80mA
50µs/DIV
2µs/DIV
Boost Regulator Output Voltage Ripple, Inductor Current,
and LSW Voltage
VBI = 1.2V, VBO = 1.8V, CBO= 22µF, IBO = 5mA
L: LPS4018-103ML
LDO Load Step Response
VBI = 1.2V, VBO = 3V, CREGOUT= 10µF, IBO = 40mA
200µs/DIV


유사한 부품 번호 - TS3300

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M012QFNR SEMTECH-TS33000-M012QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

유사한 설명 - TS3300

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3300DB TOUCHSTONE-TS3300DB Datasheet
451Kb / 4P
   A 0.6-4.5VIN, 1.8-5.25VOUT, 3.5A, Low Input Voltage, High-Efficiency Boost LDO
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Texas Instruments
TPS61322 TI1-TPS61322 Datasheet
341Kb / 9P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com