전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74OL6000 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74OL6000
상세설명  HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74OL6000 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74OL6000 Datasheet HTML 1Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 2Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 3Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 4Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 5Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 6Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 7Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 8Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3/19/03
Page 4 of 15
© 2003 Fairchild Semiconductor Corporation
HIGH-SPEED
LOGIC-TO-LOGIC OPTOCOUPLERS
TTL BUFFER
74OL6000
TTL INVERTER
74OL6001
CMOS BUFFER
74OL6010
CMOS INVERTER
74OL6011
LSTTL TO
*All typical values are at TA=25°C
ELECTRICAL CHARACTERISTICS (TA = 0°C to 70°C Unless otherwise specified)
Parameter
Symbol Min
Typ*
Max
Units
Test Conditions
Notes
74OL6000
74OL6001
74OL6000/01
TTL OUTPUT 74OL6000/01
Input Supply Voltage
VCCI
4.5
5.0
5.5
V
1
Output Supply Voltage
VCCO
4.5
5.0
5.5
V
1
High-Level Input Voltage
VIH
2.0
V
1
Low-Level Input Voltage
VIL
0.8
V
1
Input Clamp Voltage
VIK
-1.2
V
VCCI = 4.5 V, II = -18 mA
1
High-Level Input Current
IIH
1.0
40.0
µA
VCCI = 5.5 V, VIH = 4.5 V
1
Low-Level Input Current
IIL
-200.0 -400.0
µA
VCCI = 5.5 V, VIL = 0.4 V
1
Input Supply Current (high)
ICCIH
10.0
14.0
mA
VCCI = 5.5 V, VIN = VIH
1
Input Supply Current (low)
ICCIL
10.0
14.0
mA
VCCI = 5.5 V, VIN = VIL
1
High-Level Output Voltage
VOH
2.4
3.0
V
VIN = 2.0 V VIN = 0.8 V
VCCI = 4.5 V, VCCO = 4.5 V,
IOH = -400 mA
1
Low-Level Output Voltage
VOL
0.3
0.6
VVIN = 0.8V
VIN = 2.0V
VCCI = 4.5 V, VCCO = 4.5 V,
IOL = 16 mA
1
0.5
VCCI = 4.5 V, VCCO = 4.5 V,
IOL = 4 mA
High-Level Output Current
IOH
-8.0
-10.0
mA
VIN = VIH
VIN = VIL
VCCI = 4.5 V, VCCO = 4.5 V,
VOH = 2.4 V
1
Low-Level Output Current
IOL
16.0
mA
VIN = 0.8 V VIN = 2.0V
VCCI = 4.5 V, VCCO = 4.5 V,
VOL = 0.6 V
1
Short-Circuit Output Current
IOS
-5.0 -25.0
-40.0
mA
VIN = VIH
VIN = VIL
VCCI = 5.5 V, VCCO = 5.5 V,
1
Output Supply Current (high)
ICCOH
9.0
15.0
mA
VIN = VIH
VIN = VIL
VCCI = 5.5 V, VO = VOH,
VCCO= 5.5 V
1
Output Supply Current (low)
ICCOL
8.0
12.0
mA
VIN = VIL
VIN = VIH
VCCI = 5.5 V, VO = VOL,
VCCO = 5.5 V
1
SWITCHING CHARACTERISTCS (TA = 25°C Unless otherwise specified)
Parameter
Symbol Min
Typ
Max Units
Test Conditions
Fig.
Notes
TTL OUTPUT 74OL6000/01
VCCI = 5 V, VCCO = 5 V
Propagation Delay Time For Output Low Level
tPHL
60
100
ns
15, 17
1
Propagation Delay Time For Output High Level
tPLH
70
100
ns
15, 17
1
Output Rise Time For Output High Level
tr
45
n
15, 17
1
Output Fall Time For Output Low Level
tf
5ns
15, 17
1


유사한 부품 번호 - 74OL6000

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
613Kb / 15P
   OPTOPLANAR HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
74OL6000 FAIRCHILD-74OL6000_05 Datasheet
613Kb / 15P
   OPTOPLANAR HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
More results

유사한 설명 - 74OL6000

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000_05 Datasheet
613Kb / 15P
   OPTOPLANAR HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Opto Electronics Co,. L...
6N137 E-OEC-6N137 Datasheet
284Kb / 6P
   VERY HIGH-SPEED LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
H11N1 FAIRCHILD-H11N1 Datasheet
523Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
H11N1M FAIRCHILD-H11N1M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com