전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74VCX00 데이터시트(HTML) 4 Page - Fairchild Semiconductor

부품명 74VCX00
상세내용  Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX00 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74VCX00 데이터시트 HTML 1Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 2Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 3Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 4Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 5Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Dynamic Switching Characteristics
Capacitance
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-inverting Functions
Symbol
Parameter
Conditions
VCC
(V)
Unit
TA = 25°C
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
0.25
V
2.5
0.6
3.3
0.8
VOLV
Quiet Output Dynamic Valley VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
−0.25
V
2.5
−0.6
3.3
−0.8
VOHV
Quiet Output Dynamic Valley VOH
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
1.5
V
2.5
1.9
3.3
2.2
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
6
pF
COUT
Output Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V
20
pF
TEST
SWITCH
tPLH, tPHL
Open
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2


Html Pages

1  2  3  4  5  6 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn