전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74VCX00 데이터시트(HTML) 1 Page - Fairchild Semiconductor

부품명 74VCX00
상세내용  Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX00 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74VCX00 데이터시트 HTML 1Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 2Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 3Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 4Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 5Page - Fairchild Semiconductor 74VCX00 데이터시트 HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
ds500160
www.fairchildsemi.com
July 1999
Revised July 1999
74VCX00
Low Voltage Quad 2-Input NAND Gate
with 3.6V Tolerant Inputs and Outputs
General Description
The VCX00 contains four 2-input NAND gates. This prod-
uct is designed for low voltage (1.65V to 3.6V) VCC applica-
tions with I/O compatibility up to 3.6V.
The VCX00 is fabricated with an advanced CMOS technol-
ogy to achieve high-speed operation while maintaining low
CMOS power dissipation.
Features
s 1.65V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
2.8 ns max for 3.0V to 3.6V VCC
3.7 ns max for 2.3V to 2.7V VCC
7.4 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Static Drive (IOH/IOL)
±24 mA @ 3.0V V
CC
±18 mA @ 2.3V V
CC
±6 mA @ 1.65V V
CC
s Uses patented Quiet Series
™ noise/EMI reduction
circuitry
s Latchup performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 250V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Quiet Series
™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74VCX00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
74VCX00MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs


Html Pages

1  2  3  4  5  6 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn