전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AP3202 데이터시트(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

부품명 AP3202
부품 상세설명  380kHz, 2A Asynchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3202 데이터시트(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3202 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Preliminary Datasheet
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202
Mar. 2011 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
6
0.00.2
0.40.6
0.81.0
1.21.4
1.61.8
2.0
0
10
20
30
40
50
60
70
80
90
100
Output Current (A)
V
IN
=5V
V
IN
=12V
-40
-20
0
20
40
60
80
100
120
140
125
150
175
200
225
250
275
300
325
350
375
Case Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
120
140
1.00
1.05
1.10
1.15
1.20
1.25
1.30
Case Temperature (
oC)
Typical Performance Characteristics
TA=25
oC, VIN=12V, VOUT=3.3V, unless otherwise noted.
Figure 4. Efficiency vs. Output Current
Figure 5. RDSONH vs. Case Temperature
Figure 6. RDSONL vs. Case Temperature
Figure 7. Feedback Voltage vs. Case Temperature
-40
-20
0
20
40
60
80
100
120
140
4
6
8
10
12
14
16
18
20
Case Temperature (
oC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn