전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AP3202 데이터시트(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

부품명 AP3202
부품 상세설명  380kHz, 2A Asynchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3202 데이터시트(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3202 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3202 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Preliminary Datasheet
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202
Mar. 2011 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
TA=25
oC, VIN=12V, VOUT=3.3V, unless otherwise noted.
Figure 12. Enable Turn on Characteristic
Figure 13. Enable Turn off Characteristic
(IOUT=2A, Resistance Load)
(IOU T=2A, Resistance Load)
Figure 14. Short Circuit Protection
Figure 15. Short Circuit Recovery
(IOUT=2A)
(IOUT=2A)
Time (800
µs/div)
VSW
5V/div
VEN
2V/div
IL
1A/div
VOUT
2V/div
VSW
5V/div
VEN
2V/div
IL
1A/div
VOUT
2V/div
Time (400
µs/div)
VSW
5V/div
IL
1A/div
VOUT
2V/div
Time (100
µs/div)
VSW
5V/div
IL
1A/div
VOUT
2V/div
Time (100
µs/div)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn